PART |
Description |
Maker |
B82432T1822K000 B82432T1102K000 B82432T1103K000 B8 |
SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core Dimensional drawing and layout recommendation
|
EPCOS
|
B82422H1222K000 B82422H1152K000 B82422H1102K000 B8 |
SMT Inductors, SIMID Series SIMID 1210?H SIMID 1210−H
|
EPCOS
|
B82496-C3101 B82496-C3100 B82496-C3120 B82496-C312 |
SMT Inductors, SIMID Series SMT电感器,SIMID系列
|
EPCOS AG
|
B82498-A3120-K B82498-A3150-K B82498-A3270-K |
SMT Inductors, SIMID Series SMT电感器,SIMID系列
|
EPCOS AG
|
B82496C3569 B82496C3689 B82496C3120 B82496C3220 B8 |
1 ELEMENT, 0.039 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Inductors, SIMID Series SIMID 0603-C 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0056 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0039 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Inductors, SIMID Series
|
http:// EPCOS[EPCOS] EPCOS AG
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
P0400NL P0401NL P0402 P0403 P0402NL |
SMT POWER INDUCTORS Toroid - Tomcat Series SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
|
Pulse A Technitrol Company
|
P0400NL P0401NL P0402NL |
SMT POWER INDUCTORS Toroid - Tomcat Series
|
Pulse A Technitrol Company
|
PF0560.683NLT PF0560.103NL PF0560.103NLT PF0560.47 |
SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
PA0229NL |
SMT Power Inductors Power Beads - Volta 1 & 2 series
|
Pulse A Technitrol Company
|
P0438T P0452T P0430T P0433T P0436T P0435T P0440T P |
MCU CMOS 64 LD 8MHZ 4K EPRM, -40C to 85C, 64-TQFP, TRAY MCU CMOS 68 LD Low Power, -40C to 85C, 68-PLCC, TUBE SMT Toroidal Inductors (Shielded) - One Winding: Ros 1 Series and Ros 2 Series 表面贴装环型电感(屏蔽) -一个绕组:罗斯和罗1系列2系列
|
Ametherm, Inc.
|
RCP195DNP-150M RCP195DNP-120M RCP195DNP-100M RCP-1 |
POWER INDUCTORS <SMD Type: RCP Series> 功率电感\u003cSMD Type: RCP Series\u003e POWER INDUCTORS Type: RCP Series POWER INDUCTORS POWER INDUCTORS <SMD Type: RCP Series
|
Sumida, Corp. SUMIDA CORPORATION.
|